Part Number Hot Search : 
04597 KBPC1510 CMHZ4104 HC1G0 04597 D9153 HER205 AM26LS29
Product Description
Full Text Search
 

To Download APTD3216SRCPRV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: cda0300 rev no: v.1 date: oct/24/2001 page: 1 of4 approved: j.lu checked: drawn: m.f.cai description the super bright red source color devices are made with gallium aluminum arsenide red light emitting diode. 3.2x1.6mm smd chip led lamp APTD3216SRCPRV super bright red notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.2(0.0079") unless otherwise noted. 3. lead spacing is measured where the lead emerge package. 4. specifications are subject to change without notice. features ! 3.2mmx1.6mm smt led,1.8mm thickness. ! low power consumption. ! wide viewing angle. ! ideal for backlight and indicator. ! various colors and lens types available. ! package : 2000pcs / reel. package dimensions
spec no: cda0300 rev no: v.1 date: oct/24/2001 page: 2 of4 approved: j.lu checked: drawn: m.f.cai electrical / optical characteristics at t a =25 c absolute maximum ratings at t a =25 c note: 1. 1/10 duty cycle, 0.1ms pulse width. selection guide note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. l o b m y sl o b m y s l o b m y s l o b m y sl o b m y sr e t e m a r a pr e t e m a r a p r e t e m a r a p r e t e m a r a pr e t e m a r a pe c i v e de c i v e d e c i v e d e c i v e de c i v e d. p y t. p y t . p y t . p y t. p y t. x a m. x a m . x a m . x a m. x a ms t i n us t i n u s t i n u s t i n us t i n us n o i t i d n o c t s e ts n o i t i d n o c t s e t s n o i t i d n o c t s e t s n o i t i d n o c t s e ts n o i t i d n o c t s e t k a e p h t g n e l e v a w k a e pd e r t h g i r b r e p u s0 6 6m na m 0 2 = f i d h t g n e l e v a w e t a n i m o dd e r t h g i r b r e p u s0 4 6m na m 0 2 = f i ? 2 / 1 h t d i w f l a h e n i l l a r t c e p sd e r t h g i r b r e p u s0 2m na m 0 2 = f i ce c n a t i c a p a cd e r t h g i r b r e p u s5 4f pz h m 1 = f ; v 0 = f v v f e g a t l o v d r a w r o fd e r t h g i r b r e p u s5 8 . 15 . 2v a m 0 2 = f i i r t n e r r u c e s r e v e rd e r t h g i r b r e p u s0 1a uv 5 = r v r e t e m a r a pr e t e m a r a p r e t e m a r a p r e t e m a r a pr e t e m a r a p d e r t h g i r b r e p u sd e r t h g i r b r e p u s d e r t h g i r b r e p u s d e r t h g i r b r e p u sd e r t h g i r b r e p u ss t i n us t i n u s t i n u s t i n us t i n u n o i t a p i s s i d r e w o p 0 0 1w m t n e r r u c d r a w r o f c d 0 3a m ] 1 [ t n e r r u c d r a w r o f k a e p 5 5 1a m e g a t l o v e s r e v e r 5v e r u t a r e p m e t g n i t a r e p o 0 4 - 5 8 + o t c c e r u t a r e p m e t e g a r o t s 0 4 - 5 8 + o t c c . o n t r a p. o n t r a p . o n t r a p . o n t r a p. o n t r a pe c i de c i d e c i d e c i de c i de p y t s n e le p y t s n e l e p y t s n e l e p y t s n e le p y t s n e l ) d c m ( v i) d c m ( v i ) d c m ( v i ) d c m ( v i) d c m ( v i a m 0 2 @ g n i w e i vg n i w e i v g n i w e i v g n i w e i vg n i w e i v e l g n a . n i m. n i m . n i m . n i m. n i m. p y t. p y t . p y t . p y t. p y t 2 / 1 22 / 1 2 2 / 1 2 2 / 1 22 / 1 2 v r p c r s 6 1 2 3 d t p a) s a l a a g ( d e r t h g i r b r e p u sr a e l c r e t a w0 0 10 0 3 0 5
spec no: cda0300 rev no: v.1 date: oct/24/2001 page: 3 of4 approved: j.lu checked: drawn: m.f.cai super bright red APTD3216SRCPRV
spec no: cda0300 rev no: v.1 date: oct/24/2001 page: 4 of4 approved: j.lu checked: drawn: m.f.cai recommended soldering pattern (units : mm) tape specifications (units : mm) APTD3216SRCPRV smt reflow soldering instructions number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.


▲Up To Search▲   

 
Price & Availability of APTD3216SRCPRV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X